PART |
Description |
Maker |
CECWP2G272M2-L22 CECWP2G392M3-L22 CECWP2G102M1-L22 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2700 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3900 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1000 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 330 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1200 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 5600 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1800 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3300 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 560 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 470 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1500 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 390 uF, CHASSIS MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 4700 uF, CHASSIS MOUNT
|
Nippon Chemi-con, Corp.
|
LPR472M063E7P3 LPR333M010E7P3 LPR391M250E7P3 LPR15 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 4700 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 33000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 390 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 15000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 80 V, 2700 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 22000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 1000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 560 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 12000 uF, THROUGH HOLE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 39000 uF, THROUGH HOLE MOUNT CAN
|
Aerovox, Corp.
|
LQR2W472MSEG LQR2W472MSEH LQR2W472MSEJ LQR2W562MSE |
ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 5600 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 5600 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 6800 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3900 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 680 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2700 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 8200 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3300 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2200 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 4700 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1500 uF, CHASSIS MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 15000 uF, CHASSIS MOUNT
|
Nichicon Corporation Nichicon, Corp.
|
MH32S72BBFA-6 |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:7.5VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:780uF
|
Mitsubishi Electric Corporation
|
UFG1H682MDM UFG1E102MDM UFG1E102MEM UFG2A103MHM UF |
85 V, 80 A TSPD N-Ch MOSFET 60V, 4.5mOhm 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 1000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2200 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 6800 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 2200 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 10000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 Dual Unbuffered Inverter 双无缓冲逆变
|
Nichicon Corporation Nichicon, Corp.
|
MYB79D MGB79D MSB79D MXB79 |
1.90 X 3.97MM ROUND RECTANGULAR BARLED LAMP 1.90 X 3.97MM圆形矩形BARLED Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:100VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to 85 C; Capacitance:20000uF RoHS Compliant: Yes
|
MICRO-ELECTRONICS[Micro Electronics]
|
G7881-21 G7881-22 G7881-23 G7881-32 G7881-44 G8339 |
Supply voltage:0.3-5.5V; InGaAs PIN photodiode with preamp: receptacle type, 1.3/1.55um, 156, 622Mbps/1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit enthernet, HDTV, SDH Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 20x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 6800uF; Voltage: 25V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 400V; Case Size: 20x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 400V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 25x50 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 250V; Case Size: 30x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 FIBER OPTIC RECEIVER, 1250Mbps, PANEL MOUNT, LC CONNECTOR Aluminum Snap-In Capacitor; Capacitance: 68uF; Voltage: 400V; Case Size: 20x25 mm; Packaging: Bulk
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics K.K.
|
NRSZ122M25V12.5X25 NRSZ562M6.3V16X25 NRSZ681M6.3V8 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 5600 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 3900 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 330 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 4700 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 33 uF, THROUGH HOLE MOUNT RADIAL LEADED CAP, RADIAL ELEC, LOW-ESR, 25V, 330UF CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 330 uF, THROUGH HOLE MOUNT
|
NIC Components, Corp.
|
EEFCD0J100ER EEFFD0G390R EEFFD0E560R EEFFD0D680R E |
SP-Cap/ Polymer Aluminum Capacitors CMOS Dual 8-Bit Buffered Multiplying DAC CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 82 uF, SURFACE MOUNT Specialty Polymer Aluminum Electrolytic Capacitor CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 56 uF, SURFACE MOUNT, 2917 Specialty Polymer Aluminum Electrolytic Capacitor CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 12.5 V, 10 uF, SURFACE MOUNT, 2917
|
Panasonic Semiconductor Panasonic, Corp. Panasonic Industrial Solutions
|
G8343-11 G8343-12 G8343-21 G8343-22 G8343-31 G8343 |
InGaAs PIN photodiode with preamp Aluminum Snap-In Capacitor; Capacitance: 1500uF; Voltage: 160V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 30x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 450V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 200V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 25x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 1000uF; Voltage: 200V; Case Size: 25x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 22x50 mm; Packaging: Bulk Optoelectronic 光电 InGaAs PIN photodiode with preamp 铟镓砷PIN光电二极管和前置放大
|
HAMAMATSU[Hamamatsu Corporation] NXP Semiconductors N.V. Hamamatsu Photonics K.K.
|
UWP1H3R3MCL1GB |
Aluminum Electrolytic SMT Bi-Polar Capacitor; Capacitance: 3.3uF; Voltage: 50V; Case Size: 5x5.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, NON-POLARIZED, 50 V, 3.3 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
UMV1H010MFD1CV |
Aluminum Electrolytic Radial Lead 5mm Length Long Life Capacitor; Capacitance: 1uF; Voltage: 50V; Case Size: 4x5 mm; Packaging: Cut CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 1 uF, THROUGH HOLE MOUNT
|
United Microelectronics, Corp.
|
|